|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED PACKAGE CONFIGURATION CATHODE BVZ-925WI4 DESCRIPTION Dice Material : GaN Blue Light Color : White Color Lens Color : Water Transparent 7.62 0.5 ANODE 7.62 0.5 RADIATION PATTERN 100 75 50 25 0 5.08 0.3 0.4 1.55 5.08 0.76 3.50 0.5 5.4 R9.4 2.5 5.0 -80 -60 -40 -20 0 20 40 60 80 Viewlng Angle Tolerance 0.25 ABSOLUTE MAXIMUM RATINGS AT Ta = 25 PARAMETER Power Dissipation (PD) Continuous Forward Current (IF) Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width ) (IFP) Reverse Voltage (VR) MAX. 120 30 100 5 0.4 UNIT mW mA mA V mA/oC Derating Linear From 25 Operating Temperature Range (Topr) 30 to 80 Storage Temperature Range (Tstg) 40 to 100 Lead Solder Temperature 1.6 mm Below Package 260 for 5 seconds (Tsld) ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 SYMBOL VF IR 21/2 IV Bin Min. Max. PARAMETER Forward Voltage Reverse Current Viewing Angle Luminous Intensity F 2.8 3.6 G 3.6 4.7 H 4.7 6.0 TEST COND. I F = 30 mA V R = 5V I F = 30 mA I F = 30 mA I 6.0 7.8 MIN. TYP. 3.2 60 4.15 MAX. 4.0 10 UNIT V A Deg lm 2.8 BIN GRADE LIMITS (IF=30 mA) Total Flux / lm Tolerance 15%lm Please contact our sales department for more information. BIN GRADE LIMITS (IF=30 mA) CHROMATICITY COORDINATESL x x 0.260 0.260 0.275 0.275 WA1 WC1 y y 0.240 0.280 0.300 0.260 x x 0.275 0.275 0.290 0.290 WA2 WC2 y y 0.260 0.300 0.320 0.280 x x 0.290 0.290 0.305 0.305 WB1 WD1 y y 0.280 0.320 0.345 0.305 x x 0.305 0.305 0.320 0.320 WB2 WD2 y y 0.305 0.345 0.370 0.330 Please contact our sales department for more information. 0.320 0.330 0.335 0.350 0.350 0.370 0.365 0.390 0.320 0.370 0.335 0.390 0.350 0.410 0.365 0.430 0.335 0.390 0.350 0.410 0.365 0.430 0.380 0.450 0.335 0.350 0.350 0.370 0.365 0.390 0.380 0.410 Tolerance 0.012 *Bright View reserves the rights to alter specifications and remove availability of products at any time without notice. *Dominant Wavelength, d is according to CIE Chromaticity Diagram base on color of lamps. *1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. *These products are sensitive to static electricity. Caution must be taken strictly to avoid static electricity. 2008/11/10 - A BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED BVZ-925WI4 TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES FIG. 1 Forward Current vs. Forward Voltage ( Ta = 25 C ) FIG. 2 Relative Total Flux vs. Forward Current ( Ta = 25 C ) 100 90 80 70 60 50 40 30 20 10 0 3.0 2.5 Relative Intensity 2.0 1.5 1.0 0.5 0 Forward Current ( mA ) 2.4 2.8 3.2 3.6 Forward Voltage Vf ( V ) 4.0 0 10 20 30 40 50 60 Forward Current If ( mA ) 70 FIG. 3 Forward Voltage vs. Temperature 1.2 Relative Total Flux @ 30mA Forward Voltage @ 30mA 1.1 1.0 0.9 0.8 -50 3.0 2.5 2.0 1.5 1.0 0.5 FIG. 4 Relative Intensity vs. Temperature -25 0 25 50 75 100 125 0 -50 -25 0 25 50 75 100 125 Ambient Temperature Ta ( C ) FIG. 5 Relative Intensity vs. Wavelength ( p ) ( Ta = 25 C ) IF-DC Forward Current ( mA ) Ambient Temperature Ta ( C ) FIG. 6 Maximum Forward Current 40 30 20 10 0 0 vs. Temperature 1.0 Forward Intensity @ 30mA 0.5 0 400 500 600 Wavelength ( nm ) 700 20 40 60 80 100 Ambient Temperature Ta ( C ) 120 2008/11/10 - A BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED BVZ-925WI4 CAUTION FOR CLASS 1 ESD ( MACHINE MODE ) Gallium Nitride (GaN) based light emitting diodes (LEDs) are extremely sensitive to electrostatic discharge (ESD). Users are strongly recommended to take necessary meter to test the static and avoid ESD when handing these products. Bright View's BA, GN, WI series products are GaN based materials and are classified as "Class 1",( ESD endurance 50V or lower ), any manufacturing site or workstation where GaN devices are handled should be rated and controlled at 50V or below. Proper grounding of products or machines ( via 1M ), using static dissipative mats, static dissipative containers, static dissipative working uniferms and shoes are considered to be effective against ESD. An ionizer is recommended in the facility or environment where ESD may be generated easily, and soldering iron with a grounded tip is also recommended. To install a protection device in the LED circuit to ensure the surge current and voltage not exceeding the max rating during on/off swithing. When inspecting the final products in which LEDs are assembled, it is recommended to check whether the assembled LEDs are damaged by ESD or not. It is simple to find damaged LEDs by light-on or a VF test at lower current (below 1mA is recommended). ESD damaged LEDs will show some unusual characteristics such as the remarkable increasing of leak current, the forward voltage become lower, or the LEDs do not light on at the low current. 2008/11/10 - A BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED BVZ-925WI4 Packaging : Package Carrier Tape Dimensions : 48.5 Front Gap Side L/N BV P/N :___________:______:________ BIN :______ Q'ty QA : Tube Dimension(cm): 1.27* 0.97* 48.5 60PCS / Tube 0.97 1.27 Package Reel Dimensions : Bright View PART NO.: LOT NO.: GRADE: Q'ty Xpcs Electronics Co.,Ltd. BOX Dimension(cm): 10.5 * 13.5 * 50.5 100 Tubes / Box 50.5 Box : 6,000PCS 13.5 3 BVZ-9XXXXX QA Pb - Free / RoHS Compliant CAUTION ELECTROSTATIC SENSITIVE DEVICES DO NET OPEN OR HANDLE EXCEPT AT A STATIC-FREE WORKSTATION 10.5 TYPE Q'TY N,W G,W C.NO PCS KGS KGS X: Bin grade : Wavelength : Vf 30 52 RE Y CARTON Dimension(cm): 23*30*52 23 ITEM NO. DEVICE: Q'TY N. W.: G. W.: PCS. KGS. KGS. 4 Boxes / Carton Total : 24,000PCS 2008/11/10 - A |
Price & Availability of BVZ-925WI4 |